PART |
Description |
Maker |
PI74FCT162245 PI74FCT162245T PI74FCT16245T PI74FCT |
Fast CMOS 16-Bit Bidirectional Transceivers
|
PERICOM[Pericom Semiconductor Corporation]
|
IDT74FCT166245AT IDT74FCT166245T 74FCT166245T_DS_9 |
FAST CMOS 16-BIT BIDIRECTIONAL TRANSCEIVER From old datasheet system
|
IDT
|
PI74LPT16245 |
STANDARD GAIN HORN; WAVEGUIDE SIZE: WR34; FREQUENCY RANGE: 22.00-33.00; GAIN: 20 dB 快速CMOS 3.3V6位双向收发器 Fast CMOS 3.3V 16-Bit Bidirectional Transceiver
|
Pericom Semiconductor, Corp. Pericom Semiconductor Corporation
|
PI74FCT162374T PI74FCT162H374T PI74FCT16374T PI74F |
FCT SERIES, DUAL 8-BIT DRIVER, TRUE OUTPUT, PDSO48 Fast CMOS 16-Bit Registers (3-State) Fast CMOS 16-bit register (3-state)
|
PERICOM[Pericom Semiconductor Corporation] ETC Pericom Technology
|
LC74FCT164245T LC74FCT164245 |
Fast 16-Bit CMOS Bidirectional Transceiver(Supporting 3.3 to 5V Operation)
|
SANYO[Sanyo Semicon Device]
|
IDT54FCT645DTSOB |
FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS 快速CMOS八路双向收发
|
Integrated Device Technology, Inc.
|
CD40116 CD40116H |
CMOS HIGH-SPEED 8-BIT BIDIRECTIONAL CMOS/TTL INTERFACE LEVEL CONVERTER CMOS High Speed 8-Bit Bidirectional CMOS/TTL Interface Level Converter
|
HARRIS[Harris Corporation] Harris Semiconductor
|
GM71C17800C GM71C17800C-5 GM71C17800C-7 GM71C17800 |
x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 60 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 2,097,152 WORDS x 8 BIT CMOS DYNAMIC RAM 2M X 8 FAST PAGE DRAM, 50 ns, PDSO28 x8 Fast Page Mode DRAM 2M X 8 FAST PAGE DRAM, 70 ns, PDSO28 2Mx8|5V|2K|5/6|FP/EDO DRAM - 16M IC LOGIC 1G125 SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUTS -40 85C SOT-23-5 3000/REEL 2/097/152 WORDS x 8 BIT CMOS DYNAMIC RAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
UT54ACS164245SEIUWC |
Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
|
Aeroflex Circuit Techno...
|
MB814100D-60 MB814100D-70 |
CMOS 4 M ×1 BIT
Fast Page Mode DRAM(CMOS 4 M ×1位速页面存取模式动态RAM) CMOS 4 M ?1 BIT Fast Page Mode DRAM(CMOS 4 M ?1浣??椤甸?瀛??妯″??ㄦ?RAM)
|
Fujitsu Limited
|
UT54ACS164245S UT54ACS164245SCC UT54ACS164245SPC U |
RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
|
http:// Aeroflex Circuit Technology
|
MC74F568DWDR2 |
F/FAST SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT BIDIRECTIONAL DECADE COUNTER, PDSO20
|
MOTOROLA INC
|